Part Number Hot Search : 
74HCT540 AP9414GM SE95DP DM74A DTA115 05040 10H60 90K65P
Product Description
Full Text Search
 

To Download BAT30AWFILM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2009 doc id 12564 rev 3 1/14 14 bat30 small signal schottky diodes features very low conduction losses negligible switching losses low forward and reverse recovery times extremely fast switching surface mount device low capacitance diode description the bat30 series uses 30 v schottky barrier diodes encapsulated in a wide range of packages such as sod-323, sod-523, sod-923, sot-23, sot-323, or sot-666. this device is specially suited for switching mode applications needing low forward voltage drop diodes. table 1. device summary symbol value i f 300 ma v rrm 30 v c(typ) 14 pf t j (max) 150 c sod-323 sod-923 sod-523 sot-23 sot-666 bat30jfilm (single) bat30lfilm (single) bat30kfilm (single) bat30film (single) bat30sfilm (series) bat30cfilm (common cathode) bat30wfilm (single) bat30cwfilm (common cathode) BAT30AWFILM (common anode) bat30swfilm (series) bat30-07p6film (2 parallel diodes) bat30-09p6film (2 opposite diodes) bat30afilm (common anode) sot-323 configurations in top view www.st.com
characteristics bat30 2/14 doc id 12564 rev 3 1 characteristics table 2. absolute ratings (limiting values at t j = 25 c, unless otherwise specified) symbol parameter value unit v rrm repetitive peak reverse voltage 30 v i f continuous forward current 300 ma i fsm surge non repetitive forward current t p = 10 ms sinusoidal 1 a t stg storage temperature range -65 to +150 c t j maximum operating junction temperature (1) 1. pulse test: t p = 5 ms, < 2 % 150 c t l maximum soldering temperature 260 c table 3. thermal parameters symbol parameter value unit r th(j-a) junction to ambient (1) 1. on epoxy printed circuit boar d with recommended pad layout sot-23 500 c/w sot-323, sod-323, 550 sod-523, sot-666 600 sod-923 900 table 4. static electrical characteristics symbol parameter test conditions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, < 2 % reverse leakage current t j = 25 c v r = 5 v - - 0.5 a v r = 10 v - - 1 v r = 25 v - 0.65 3 v r = 30 v - - 5 t j = 70 c v r = 10 v -720 t j = 85 c - 18 50 v f (2) 2. pulse test: t p = 380 s, < 2 % forward voltage drop t j = 25 c i f = 0.1 ma - - 240 mv i f = 1 ma - - 300 i f = 10 ma - - 375 i f = 30 ma - - 430 i f = 100 ma - - 500 i f = 200 ma - - 580 i f = 300 ma - 530 -
bat30 characteristics doc id 12564 rev 3 3/14 table 5. dynamic characteristics symbol parameter test conditions min. typ max. unit c diode capacitance v r = 0 v, f = 1 mhz - 22 - pf v r = 1 v, f = 1 mhz - 14 - v r = 10 v, f = 1 mhz - 6 - figure 1. power dissipation versus average forward current figure 2. average forward current versus ambient temperature ( = 1) p (w) 0.000 0.025 0.050 0.075 0.100 0.125 0.150 0.175 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 t =tp/t tp =0.05 =0.1 =0.2 =0.5 =1 i (a) f(av) i (a) f(av) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0 25 50 75 100 125 150 t =tp/t tp t ( c) amb figure 3. relative variation of thermal impedance junction to ambient versus pulse duration figure 4. relative variation of thermal impedance junction to ambient versus pulse duration 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 alumine substrate 10 x 8 x 0.5 mm single pulse sot-23 z th(j-a) /r th(j-a) t p (s) 1.e-03 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 single pulse sot-323/sod-323 epoxy printed board fr4 copper surface = 2.25 mm 2 (s) t p z th(j-a) /r th(j-a) coppr thickness = 35 m
characteristics bat30 4/14 doc id 12564 rev 3 figure 5. relative variation of thermal impedance junction to ambient versus pulse duration figure 6. relative variation of thermal impedance junction to ambient versus pulse duration figure 7. relative variation of thermal impedance junction to ambient versus pulse duration figure 8. thermal resistance junction to ambient versus copper surface under each lead (sod-923) 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 single pulse sot-666 (s) t p z th(j-a) / r th(j-a) epoxy printed board fr4 coppr thickness = 35 m 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+0 3 z th(j-a) /r th(j-a) single pulse sod-923 (s) t p 1.e-03 1.e-02 1.e-01 1.e+00 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 single pulse sod-523 z th(j-a) / r th(j-a) (s) t p epoxy printed board fr4 coppr thickness = 35 m 0 100 200 300 400 500 600 700 800 900 0 . 00 .2 0 .4 0 . 60 . 8 1. 0 1.2 1.4 1. 6 1. 8 2. 0 epoxy printed board fr4 copper thichness = 35 m s cu (cm2) r th(j-a) (c/w) figure 9. thermal resistance junction to ambient versus copper surface under each lead (sod-323) figure 10. leakage current versus reverse applied voltage (typical values) 200 300 400 500 600 0 5 10 15 20 25 30 35 40 45 50 r th(j-a) (c/w) s cu (mm2) epoxy printed board fr4 copper thichness = 35 m 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 1.e+04 0 5 10 15 20 25 30 t j =150c t j =25c t j =85c t j =125c v r (v) i r (a)
bat30 characteristics doc id 12564 rev 3 5/14 figure 11. relative variation of reverse leakage current versus junction temperature (typical values) figure 12. junction capacitance versus reverse applied voltage (typical values) i r [t j ]/i r [t j =25c] 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 1.e+04 -40 -20 0 20 40 60 80 100 120 140 160 v r =30 v t j (c) c(pf) 1 10 100 1 10 100 f=1 mhz v osc =30 mv rms t j =25 c v r (v) figure 13. forward voltage drop versus forward current (typical values) figure 14. forward voltage drop versus forward current (typical values) i fm (a) 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 t j =85 c t j =85 c t j =-40 c t j =-40 c t j =150 c t j =150 c v fm (v) i fm (a) 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 t j =25 c t j =125 c v fm (v)
ordering information scheme bat30 6/14 doc id 12564 rev 3 2 ordering information scheme figure 15. ordering information scheme bat30 xx xx film signal schottky diodes package packing v rrm = 30 v blank = single diode a = common anode c = common cathode s = series diodes 07 = parallel diodes 09 = opposite diodes blank = sot-23 j = sod-323 k = sod-523 p6 = sot-666 l = sod-923 w = sot-323 configuration film = tape and reel
bat30 package information doc id 12564 rev 3 7/14 3 package information epoxy meets ul94, v0 lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 16. sod-323 footprint (dimensions in mm) table 6. sod-323 dimensions ref. dimensions millimeters inches min. max. min. max. a - 1.17 - 0.046 a1 0 0.1 0 0.004 b 0.25 0.44 0.01 0.017 c 0.1 0.25 0.004 0.01 d 1.52 1.8 0.06 0.071 e 1.11 1.45 0.044 0.057 h 2.3 2.7 0.09 0.106 l 0.1 0.46 0.004 0.02 q1 0.1 0.41 0.004 0.016 h b d e a1 a l q1 c 3.20 0.30 1.08 1.06 1.06
package information bat30 8/14 doc id 12564 rev 3 figure 17. sod-523 footprint (dimensions in mm) table 7. sod-523 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.50 0.60 0.70 0.020 0.024 0.028 e 1.50 1.60 1.70 0.059 0.063 0.067 e1 1.10 1.20 1.30 0.043 0.047 0.051 d 0.70 0.80 0.90 0.028 0.031 0.035 b 0.25 - 0.35 0.010 - 0.014 c 0.07 - 0.20 0.003 - 0.008 l 0.15 0.20 0.25 0.006 0.008 0.010 l1 0.05 - 0.20 0.002 - 0.008 e1 2xb seating plane r0.1 c 8 7 l d e 0.15 0.20 c c a a b b b a c a l1 m m 0.7 0.3 2
bat30 package information doc id 12564 rev 3 9/14 figure 18. sod-923 footprint (dimensions in mm) table 8. sod-923 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.40 0.016 b 0.25 0.30 0.35 0.010 0.012 0.014 c 0.08 0.145 0.21 0.003 0.006 0.008 d 0.55 0.60 0.65 0.022 0.024 0.026 e 0.95 1.00 1.05 0.037 0.039 0.041 e1 0.75 0.825 0.90 0.030 0.032 0.035 l - - 0.20 - - 0.008 e e1 bd c l a 0.37 0.34 0.58 1.32
package information bat30 10/14 doc id 12564 rev 3 figure 19. sot-23 footprint (dimensions in mm) table 9. sot-23 dimensions ref. dimensions millimeters inches min. max. min. max. a 0.89 1.4 0.035 0.055 a1 0 0.1 0 0.004 b 0.3 0.51 0.012 0.02 c 0.085 0.18 0.003 0.007 d 2.75 3.04 0.108 0.12 e 0.85 1.05 0.033 0.041 e1 1.7 2.1 0.067 0.083 e 1.2 1.6 0.047 0.063 h 2.1 2.75 0.083 0.108 l 0.6 typ. 0.024 typ. s 0.35 0.65 0.014 0.026 a1 a l h b e d e e1 s c 0.95 0.61 1.26 3.25 0.73
bat30 package information doc id 12564 rev 3 11/14 figure 20. sot-323 footprint (dimensions in mm) table 10. sot-323 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.8 - 1.1 0.031 - 0.043 a1 0.0 - 0.1 0.0 - 0.004 b 0.25 - 0.4 0.010 - 0.016 c 0.1 - 0.26 0.004 - 0.010 d 1.8 2.0 2.2 0.071 0.079 0.086 e 1.15 1.25 1.35 0.045 0.049 0.053 e - 0.65 - - 0.026 - h 1.8 2.1 2.4 0.071 0.083 0.094 l 0.1 0.2 0.3 0.004 0.008 0.012 q 0 - 30 0 - 30 a1 a l h c b e d e 0.95 1.0 2.9 0.50 0.8
package information bat30 12/14 doc id 12564 rev 3 figure 21. sot-666 footprint (dimensions in mm) table 11. sot-666 dimensions ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.45 - 0.60 0.018 - 0.024 a3 0.08 - 0.18 0.003 - 0.007 b 0.17 - 0.34 0.007 - 0.013 b1 0.19 0.27 0.34 0.007 0.011 0.013 d 1.50 - 1.70 0.059 - 0.067 e 1.50 - 1.70 0.059 - 0.067 e1 1.10 - 1.30 0.043 - 0.051 e - 0.50 - -0.020 - l1 - 0.19 - - 0.007 - l2 0.10 0.30 0.004 0.012 l3 - 0.10 - - 0.004 - d b l3 l1 e b1 e1 l2 e a a3 0.50 2.60 0.62 0.30 0.99
bat30 ordering information doc id 12564 rev 3 13/14 4 ordering information 5 revision history table 12. ordering information order code marking package we ight base qty packing mode bat30-07p6film p3 sot-666 parallel 2.9 mg 5000 tape and reel bat30-09p6film q3 sot-666 opposite 2.9 mg 5000 tape and reel bat30afilm a30 sot-23 common anode 10 mg 3000 tape and reel BAT30AWFILM a30 sot-323 common anode 6 mg 3000 tape and reel bat30cfilm c30 sot-23 common cathode 10 mg 3000 tape and reel bat30cwfilm c30 sot-323 common cathode 6 mg 3000 tape and reel bat30film b30 sot-23 single 10 mg 3000 tape and reel bat30jfilm 30 sod-323 single 5 mg 3000 tape and reel bat30kfilm 30 sod-523 single 1.4 mg 3000 tape and reel bat30lfilm 31 sod-923 single 0.56 mg 10000 tape and reel bat30sfilm s30 sot-23 serial 10 mg 3000 tape and reel bat30swfilm s30 sot-323 serial 6 mg 3000 tape and reel bat30wfilm b30 sot-323 single 6 mg 3000 tape and reel table 13. document revision history date revision changes 24-jul-2006 1 first issue 08-jul-2009 2 added sod-923 package. table 12 sorted on alphabetic sequence of order code. update d ecopack statement. 13-oct-2009 3 updated table 7 quot e ?l1? from 0.10 to 0.05.
bat30 14/14 doc id 12564 rev 3 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of BAT30AWFILM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X